Part Number Hot Search : 
B44066 C1334 2SB1417 BA7046F M61084FP RU5024 C1334 GM3842
Product Description
Full Text Search
 

To Download MC12015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor, Inc.Order this document by MC12015/D
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Dual Modulus Prescaler
The MC12015, MC12016 and MC12017 are dual modulus prescalers which will drive divide by 32 and 33, 40 and 41, and 64 and 65, respectively. An internal regulator is provided to allow these devices to be used over a wide range of power-supply voltages. The devices may be operated by applying a supply voltage of 5.0 Vdc 10% at Pin 7, or by applying an unregulated voltage source from 5.5Vdc to 9.5 Vdc to Pin 8.
MC12015 MC12016 MC12017
MECL PLL COMPONENTS DUAL MODULUS PRESCALER
SEMICONDUCTOR TECHNICAL DATA
ARCHIVE INFORMATION
Control Input and Output Are Compatible With Standard CMOS Connecting Pins 2 and 3 Allows Driving One TTL Load Supply Voltage 4.5 V to 9.5 V
8 1
Freescale Semiconductor, Inc...
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
ORDERING INFORMATION
Device MC12015D MC12016D MC12017D TA = -40 to 85C SO-8 Operating Temperature Range Package
SIMPLIFIED BLOCK DIAGRAM
Control Input 1 Signal Input Signal GND 0.001F 5 6 3 0.001F Vreg 7 0.1F 4 TO Vreg
/N / N+1
2 Active Pullup Output
1. Vreg at Pin 7 is not guaranteed to be between 4.5 and 5.5V when VCC is being applied to Pin 8 2. Pin 7 is not to be used as a source of regulated output voltage
GND
VCC 8 0.1F
Voltage Regulator
(c) Motorola, Inc. 1999
Rev 4
MOTOROLA RF/IF DEVICE DATA For More Information On This Product,
1
Go to: www.freescale.com
ARCHIVE INFORMATION
* * * * *
225 MHz Toggle Frequency Low-Power 7.5 mA Maximum at 6.8 V
Freescale Semiconductor, Inc. MC12015 MC12016 MC12017
MAXIMUM RATINGS
Rating Symbol Value Unit Vdc Vdc C C
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005 Regulated Voltage, Pin 7 Vreg 8.0
Power Supply Voltage, Pin 8 Operating Temperature Range Storage Temperature Range
NOTE: ESD data available upon request.
VCC TA Tstg
10 -40 to +85 -65 to +175
ELECTRICAL CHARACTERISTICS (VCC = 5.5 to 9.5 V; Vreg = 4.5 to 5.5 V; TA = -40 to 85C, unless otherwise noted.)
Characteristic Toggle Frequency (Sine Wave Input) Symbol fmax fmin Supply Current Control Input HIGH (/32, 40 or 64) Control Input LOW (/33, 41 or 65) Output Voltage HIGH (Isource = 50A) [Nofe 1] Output Voltage LOW (Isink = 2mA) [Note 1] ICC VIH VIL VOH VOL Min 225 - - 2.0 - 2.5 - Typ - - 6.0 - - - - Max - 35 7.8 - 0.8 - 0.5 mA V V V V Unit MHz
ARCHIVE INFORMATION
Freescale Semiconductor, Inc...
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
Input Voltage Sensitivity 35 MHz 50 to 225 MHz PLL Response Time [Notes 2 and 3]
Vin 400 200 tPLL - - - - 800 800 tout to 70
mVpp
ns
NOTES: 1. Pin 2 connected to Pin 3. 2. tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition
(50%) to ensure proper modulus selection.
3. tout = period of output waveform.
2
For More Information On This Product, MOTOROLA RF/IF DEVICE DATA Go to: www.freescale.com
ARCHIVE INFORMATION
Freescale Semiconductor, Inc. MC12015 MC12016 MC12017
OUTLINE DIMENSIONS
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005 D SUFFIX
PLASTIC PACKAGE CASE 751-06 (SO-8) ISSUE T A
8
D
5
C
E
1 4
H
0.25
M
B
M
h
ARCHIVE INFORMATION
Freescale Semiconductor, Inc...
C
A
SEATING PLANE
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
L 0.10 A1 B 0.25
M
CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA / PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. - http://sps.motorola.com/mfax/ 852-26668334 HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
MOTOROLA RF/IF DEVICE DATA For More Information On This Product, Go to: www.freescale.com
MC12015/D 3
ARCHIVE INFORMATION
B
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
e
q


▲Up To Search▲   

 
Price & Availability of MC12015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X